Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8801 Fiches technique(PDF) 71 Page - OSRAM GmbH

No de pièce TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Fiches technique(HTML) 71 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 65Page - OSRAM GmbH TMF8801 Datasheet HTML 66Page - OSRAM GmbH TMF8801 Datasheet HTML 67Page - OSRAM GmbH TMF8801 Datasheet HTML 68Page - OSRAM GmbH TMF8801 Datasheet HTML 69Page - OSRAM GmbH TMF8801 Datasheet HTML 70Page - OSRAM GmbH TMF8801 Datasheet HTML 71Page - OSRAM GmbH TMF8801 Datasheet HTML 72Page - OSRAM GmbH TMF8801 Datasheet HTML 73Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 71 / 73 page
background image
Document Feedback
TMF8801
Laser Eye Safety
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 70
13
Laser Eye Safety
The TMF8801 is designed to meet the Class 1 laser safety limits including single faults in compliance
with IEC / EN 60825-1:2014. This applies to the stand-alone device and the included software
supplied by ams OSRAM. In an end application system environment, the system may need to be
tested to ensure it remains compliant. The system must not include any additional lens to concentrate
the laser light or parameters set outside of the recommended operating conditions. Use outside of the
recommended condition or any physical modification to the module during development could result in
hazardous levels of radiation exposure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73