Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8801 Fiches technique(PDF) 36 Page - OSRAM GmbH

No de pièce TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Fiches technique(HTML) 36 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 32Page - OSRAM GmbH TMF8801 Datasheet HTML 33Page - OSRAM GmbH TMF8801 Datasheet HTML 34Page - OSRAM GmbH TMF8801 Datasheet HTML 35Page - OSRAM GmbH TMF8801 Datasheet HTML 36Page - OSRAM GmbH TMF8801 Datasheet HTML 37Page - OSRAM GmbH TMF8801 Datasheet HTML 38Page - OSRAM GmbH TMF8801 Datasheet HTML 39Page - OSRAM GmbH TMF8801 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 35
8.9.17
TID Register (Address 0x1F)
Figure 45:
TID Register
Addr: 0x1F
TID
Field
Name
Rst
Type
Description
7:0
tid
0
RO
Unique transaction ID, changes with every update of
register map by TOF
8.9.18
Object Detection Results
– If Register register_contents = 0x55 (commands
0x02, 0x03 or 0x04)
RESULT_NUMBER Register (Address 0x20)
Figure 46:
RESULT_NUMBER Register
Addr: 0x20
RESULT_NUMBER
Field
Name
Rst
Type
Description
7:0
result_num
0
RO
Result number, incremented every time there is a
unique answer
RESULT_INFO Register (Address 0x21)
Figure 47:
RESULT_INFO Register
Addr: 0x21
RESULT_INFO
Field
Name
Rst
Type
Description
5:0
reliability
0
RO
Reliability of object - valid range 0..63 where 63 is best
7:6
measStatus
0
RO
When algImmediateInterrupt == 1
Will indicate the status of the measurement:
Reading
Meaning
0
Short distance capture interrupted, using
previous short distance only result
1
Short distance capture interrupted, using
previous short and long distance result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73