| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8801 Fiches technique(PDF) 44 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8801 Fiches technique(HTML) 44 Page - OSRAM GmbH |
|
44 / 73 page ![]() Document Feedback TMF8801 Register Description Datasheet • PUBLIC DS000648 • v10-00 • 2022-Dec-20 72 │ 43 OBJECT_HITS_0 Register (Address 0x37) Figure 69: OBJECT_HITS_0 Register Addr: 0x37 OBJECT_HITS_0 Field Name Rst Type Description 7:0 object_hits[7:0] 0 RO Sum of the object SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used OBJECT_HITS_1 Register (Address 0x38) Figure 70: OBJECT_HITS_1 Register Addr: 0x38 OBJECT_HITS_1 Field Name Rst Type Description 7:0 object_hits[15:8] 0 RO Sum of the object SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used OBJECT_HITS_2 Register (Address 0x39) Figure 71: OBJECT_HITS_2 Register Addr: 0x39 OBJECT_HITS_2 Field Name Rst Type Description 7:0 object_hits[23:16] 0 RO Sum of the object SPADs hits during the distance measurement; zero if no object is detected or distance algorithm is no used |