| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8801 Fiches technique(PDF) 59 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8801 Fiches technique(HTML) 59 Page - OSRAM GmbH |
|
59 / 73 page ![]() Document Feedback TMF8801 Register Description Datasheet • PUBLIC DS000648 • v10-00 • 2022-Dec-20 72 │ 58 Address Value Meaning BL_DATA127 0..0xFF 128th byte to be written (only if size was 0x80) BL_CSUM 0..0xFF The CSUM comes immediately after the data. ADDR_RAM This command is to specify the RAM pointer location for the next R_RAM or W_RAM command. Figure 116: ADDR_RAM Address Value Meaning BL_CMD_STAT 0x43 Specify the address of the next RAM read or write. BL_SIZE 2 BL_DATA0 0..0xFF LSB of address in RAM BL_DATA1 0..0xFF MSB of address in RAM BL_CSUM 0..0xFF |