Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8801 Fiches technique(PDF) 56 Page - OSRAM GmbH

No de pièce TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Fiches technique(HTML) 56 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 52Page - OSRAM GmbH TMF8801 Datasheet HTML 53Page - OSRAM GmbH TMF8801 Datasheet HTML 54Page - OSRAM GmbH TMF8801 Datasheet HTML 55Page - OSRAM GmbH TMF8801 Datasheet HTML 56Page - OSRAM GmbH TMF8801 Datasheet HTML 57Page - OSRAM GmbH TMF8801 Datasheet HTML 58Page - OSRAM GmbH TMF8801 Datasheet HTML 59Page - OSRAM GmbH TMF8801 Datasheet HTML 60Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 55
Addr: 0x24
HIGH_THRESHOLD_MSB
Field
Name
Rst
Type
Description
high_threshold = high_threshold_LSB
+ 256 * high_threshold_MSB
8.10
Bootloader Registers
– appid=0x80
Following registers are only available if appid=0x80 (Bootloader):
8.10.1
BL_CMD_STAT (Address 0x08)
Figure 109:
BL_CMD_STAT Register
Addr: 0x08
BL_CMD_STAT
Field
Name
Rst
Type
Description
7:0
bl_cmd_stat
0
RW
Write: Bootloader Command
– see section
Bootloader Commands
Read: Bootloader Status
– anything else than
0x00 means an error
8.10.2
BL_SIZE (Address 0x09)
Figure 110:
BL_SIZE Register
Addr: 0x09
BL_SIZE
Field
Name
Rst
Type
Description
6:0
bl_size
0
RW
Data size in bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73