| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8801 Fiches technique(PDF) 72 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8801 Fiches technique(HTML) 72 Page - OSRAM GmbH |
|
72 / 73 page ![]() Document Feedback TMF8801 Revision Information Datasheet • PUBLIC DS000648 • v10-00 • 2022-Dec-20 72 │ 71 14 Revision Information Document Status Product Status Definition Product Preview Pre-Development Information in this datasheet is based on product ideas in the planning phase of development. All specifications are design goals without any warranty and are subject to change without notice Preliminary Datasheet Pre-Production Information in this datasheet is based on products in the design, validation or qualification phase of development. The performance and parameters shown in this document are preliminary without any warranty and are subject to change without notice Datasheet Production Information in this datasheet is based on products in ramp-up to full production or full production which conform to specifications in accordance with the terms of ams-OSRAM AG standard warranty as given in the General Terms of Trade Datasheet (discontinued) Discontinued Information in this datasheet is based on products which conform to specifications in accordance with the terms of ams-OSRAM AG standard warranty as given in the General Terms of Trade, but these products have been superseded and should not be used for new designs Changes from previous version to current revision v10-00 Page Added commands 0x08 and 0x09 for interrupt suppression which are available for firmware version 3.0.22 or higher 30 Added interrupt suppression registers which are available for firmware version 3.0.22 or higher 53-55 Increased shelf life to 24 months 68 ● Page and figure numbers for the previous version may differ from page and figure numbers in the current revision. ● Correction of typographical errors is not explicitly mentioned. |