| Moteur de recherche de fiches techniques de composants électroniques |
|
TMF8801 Fiches technique(PDF) 63 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8801 Fiches technique(HTML) 63 Page - OSRAM GmbH |
|
63 / 73 page ![]() Document Feedback TMF8801 Application Information Datasheet • PUBLIC DS000648 • v10-00 • 2022-Dec-20 72 │ 62 9.3.1 Operating Several TMF8801 on a Single I²C Bus Several TMF8801 devices can share a single I²C bus if there are dedicated enable (EN) connections to each of these devices. Figure 121: Sharing a Single I²C Bus for Operating Several TMF8801s The procedure to initialize the devices to different I²C addresses is as follows: 1. Set EN1=0, EN2=0, EN3=0 (reset all devices) 2. Set EN1=1 3. Upload firmware patch to first TMF8801 4. Reprogram I²C address for first TMF8801 using command=0x49 where cmd_data0=0 and cmd_data1=I²C address for first TMF8801 5. Set EN2=1 EN1 SDA SCL Host Cortex M0 GPIO1 GPIO0 TMF8801 VCSEL Optical Filter Reflective Surface Background Light Internal Reflection Optics SPAD, TDC and Histogram Driver Control Data Process TOF Sensor Cortex M0 GPIO1 GPIO0 TMF8801 VCSEL Optical Filter Reflective Surface Background Light Internal Reflection Optics SPAD, TDC and Histogram Driver Control Data Process TOF Sensor Cortex M0 GPIO1 GPIO0 TMF8801 VCSEL Optical Filter Reflective Surface Background Light Internal Reflection Optics SPAD, TDC and Histogram Driver Control Data Process TOF Sensor EN2 INT2 SDA SCL EN3 INT3 SDA SCL |