Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMF8801 Fiches technique(PDF) 38 Page - OSRAM GmbH

No de pièce TMF8801
Description  Time-of-Flight Sensor
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8801 Fiches technique(HTML) 38 Page - OSRAM GmbH

Back Button TMF8801 Datasheet HTML 34Page - OSRAM GmbH TMF8801 Datasheet HTML 35Page - OSRAM GmbH TMF8801 Datasheet HTML 36Page - OSRAM GmbH TMF8801 Datasheet HTML 37Page - OSRAM GmbH TMF8801 Datasheet HTML 38Page - OSRAM GmbH TMF8801 Datasheet HTML 39Page - OSRAM GmbH TMF8801 Datasheet HTML 40Page - OSRAM GmbH TMF8801 Datasheet HTML 41Page - OSRAM GmbH TMF8801 Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Document Feedback
TMF8801
Register Description
Datasheet
• PUBLIC
DS000648
• v10-00 • 2022-Dec-20
72
│ 37
distance information is depending on its accuracy, it can be used to correct an algorithm result by
comparing this clock with a more accurate clock inside the host. It is recommended to use several
measurement cycles for this clock correction.
For correctly updating of these registers by TMF8801, an I²C block read starting from address 0x1D
until 0x27 shall be done.
SYS_CLOCK_0 Register (Address 0x24)
Figure 50:
SYS_CLOCK_0 Register
Addr: 0x24
SYS_CLOCK_0
Field
Name
Rst
Type
Description
7:0
sys_clock[7:0]
0
RO
System clock/time stamp in units of 0.2 µs
SYS_CLOCK_1 Register (Address 0x25)
Figure 51:
SYS_CLOCK_1 Register
Addr: 0x25
SYS_CLOCK_1
Field
Name
Rst
Type
Description
7:0
sys_clock[15:8]
0
RO
System clock/time stamp in units of 0.2 µs
SYS_CLOCK_2 Register (Address 0x26)
Figure 52:
SYS_CLOCK_2 Register
Addr: 0x26
SYS_CLOCK_2
Field
Name
Rst
Type
Description
7:0
sys_clock[23:16]
0
RO
System clock/time stamp in units of 0.2 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73