Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC3200 Fiches technique(PDF) 398 Page - Advanced Micro Devices

No de pièce SC3200
Description  AMD GEODE-TM SC3200 PROCESSOR
PDF  447 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

SC3200 Fiches technique(HTML) 398 Page - Advanced Micro Devices

Back Button SC3200 Datasheet HTML 394Page - Advanced Micro Devices SC3200 Datasheet HTML 395Page - Advanced Micro Devices SC3200 Datasheet HTML 396Page - Advanced Micro Devices SC3200 Datasheet HTML 397Page - Advanced Micro Devices SC3200 Datasheet HTML 398Page - Advanced Micro Devices SC3200 Datasheet HTML 399Page - Advanced Micro Devices SC3200 Datasheet HTML 400Page - Advanced Micro Devices SC3200 Datasheet HTML 401Page - Advanced Micro Devices SC3200 Datasheet HTML 402Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 447 page
background image
398
AMD Geode™ SC3200 Processor Data Book
Electrical Specifications
Revision 5.1
Figure 9-20. Sub-ISA Write Operation Timing Diagram
tWRx
tAWx
Valid
Valid
Valid Data
tWCUx
tWA
tDH
A[23:0]/BHE#
TRDE#
D[15:0]
IOCHRDY
tRDYAx
tRDYH
DOCCS#/ROMCS#
tIOCSH
IOCS[1:0]#
tDF
tDVx
tIOCSA
IOW#/WR#
MEMW#/DOCW#
IOR#/RD#
MEMR#/DOCR#
tWTR
Note:
x indicates a numeric index for the relevant symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More