| Moteur de recherche de fiches techniques de composants électroniques |
|
SC3200 Fiches technique(PDF) 328 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
SC3200 Fiches technique(HTML) 328 Page - Advanced Micro Devices |
|
328 / 447 page ![]() 328 AMD Geode™ SC3200 Processor Data Book Video Processor Module Revision 5.1 7.1 Module Architecture Figure 7-1 shows a top-level block diagram of the Video Processor. For information about the relationship between the Video Processor and the other modules of the SC3200, see Section 2.2 on page 22. The Video Processor module includes the following functions: • Video Input Port — CCIR-656 decoder — Capture Video/VBI modes — Direct Video mode • Video Formatter — Asynchronous video interface — Horizontal/vertical scalers —Filters • Mixer/Blender — Overlay with color/chroma key — Gamma correction — Color space converters — Alpha blender • TFT interface • Dot Clock PLL The following subsections describe each block in detail. Figure 7-1. Video Processor Block Diagram VIP Capture Video/VBI Bus Master, Video Formatter Horizontal Downscaler, Line Buffer, Horizontal and Vertical Upscalers, and Filters Mixer/Blender Overlay with Gamma RAM and Alpha Blending Capture Video/VBI Data to GX1 Video Frame Buffer VIP Data Video Data from GX1 Video Port Video Mux Video Data TFT_IF Controller and Direct Video/VBI Controller GX1 Graphics Data |