Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1 Fiches technique(PDF) 51 Page - STMicroelectronics

No de pièce STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Fiches technique(HTML) 51 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 47Page - STMicroelectronics STA321MPL1 Datasheet HTML 48Page - STMicroelectronics STA321MPL1 Datasheet HTML 49Page - STMicroelectronics STA321MPL1 Datasheet HTML 50Page - STMicroelectronics STA321MPL1 Datasheet HTML 51Page - STMicroelectronics STA321MPL1 Datasheet HTML 52Page - STMicroelectronics STA321MPL1 Datasheet HTML 53Page - STMicroelectronics STA321MPL1 Datasheet HTML 54Page - STMicroelectronics STA321MPL1 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
DocID029389 Rev 1
51/80
STA321MPL1
Registers
80
5.2.70
Coefficient write control register (0x4C)
Coefficients for EQ and Bass Management are handled internally in the STA321MPL1 via
the RAM. Access to this RAM is available to the user via an I2C register interface.
A collection of I2C registers are dedicated to this function. One register contains a coefficient
base address, five sets of three registers store the values of the 24-bit coefficients to be
written or that were read, and one register contains bits used to control the write of the
coefficient(s) to the RAM. Section 5.3, Section 5.4, Section 5.5, and Section 5.6 give the
instructions for reading and writing coefficients.
D7
D6
D5
D4
D3
D2
D1
D0
WA
W1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80