| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321MPL1 Fiches technique(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321MPL1 Fiches technique(HTML) 35 Page - STMicroelectronics |
|
35 / 80 page ![]() DocID029389 Rev 1 35/80 STA321MPL1 Registers 80 5.2.15 Channel 5 volume (0x0F) 5.2.16 Channel 6 volume (0x10) 5.2.17 Channel 7 volume (0x11) 5.2.18 Channel 8 volume (0x12) 5.2.19 Channel 1 volume trim, mute, bypass (0x13) 5.2.20 Channel 2 volume trim, mute, bypass (0x14) 5.2.21 Channel 3 volume trim, mute, bypass (0x15) D7 D6 D5 D4 D3 D2 D1 D0 C5V7 C5V6 C5V5 C5V4 C5V3 C5V2 C5V1 C5V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C6V7 C6V6 C6V5 C6V4 C6V3 C6V2 C6V1 C6V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C7V7 C7V6 C7V5 C7V4 C7V3 C7V2 C7V1 C7V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C8V7 C8V6 C8V5 C8V4 C8V3 C8V2 C8V1 C8V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C1M C1VBP C1VT4 C1VT3 C1VT2 C1VT1 C1VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C2M C2VBP C2VT4 C2VT3 C2VT2 C2VT1 C2VT0 00 010 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C3M C3VBP C3VT4 C3VT3 C3VT2 C3VT1 C3VT0 00 010 00 0 |