Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1 Fiches technique(PDF) 57 Page - STMicroelectronics

No de pièce STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Fiches technique(HTML) 57 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 53Page - STMicroelectronics STA321MPL1 Datasheet HTML 54Page - STMicroelectronics STA321MPL1 Datasheet HTML 55Page - STMicroelectronics STA321MPL1 Datasheet HTML 56Page - STMicroelectronics STA321MPL1 Datasheet HTML 57Page - STMicroelectronics STA321MPL1 Datasheet HTML 58Page - STMicroelectronics STA321MPL1 Datasheet HTML 59Page - STMicroelectronics STA321MPL1 Datasheet HTML 60Page - STMicroelectronics STA321MPL1 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
DocID029389 Rev 1
57/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
……
423
0x1A7
Channel 1 - Mix#1 8
C1MX18
0x000000
424
0x1A8
Channel 2 - Mix#1 1
C2MX11
0x000000
425
0x1A9
Channel 2 - Mix#1 2
C2MX12
0x7FFFFF
……
479
0x1DF
Channel 8 - Mix#1 8
C8MX18
0x7FFFFF
480
0x1E0
Channel 1 - Mix#2 1
C1MX21
0x7FFFFF
481
0x1E1
Channel 1 - Mix#2 2
C1MX22
0x000000
……
487
0x1E7
Channel 1 - Mix#2 8
C1MX28
0x000000
488
0x1E8
Channel 2 - Mix#2 1
C2MX21
0x000000
489
0x1E9
Channel 2 - Mix#2 2
C2MX22
0x7FFFFF
……
543
0x21F
Channel 8 - Mix#2 8
C8MX28
0x7FFFFF
Table 11. RAM block for biquads, mixing, and bass management (continued)
Index
(decimal)
Index
(hex)
Parameter
Coefficient
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80