| Moteur de recherche de fiches techniques de composants électroniques |
|
STA321MPL1 Fiches technique(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA321MPL1 Fiches technique(HTML) 34 Page - STMicroelectronics |
|
34 / 80 page ![]() Registers STA321MPL1 34/80 DocID029389 Rev 1 5.2.9 Master mute register (0x09) 5.2.10 Master volume register (0x0A) Note: The value of the volume derived from MVOL is dependent on the AMV AutoMode volume settings. 5.2.11 Channel 1 volume (0x0B) 5.2.12 Channel 2 volume (0x0C) 5.2.13 Channel 3 volume (0x0D) 5.2.14 Channel 4 volume (0x0E) D7 D6 D5 D4 D3 D2 D1 D0 MMUTE 0 D7 D6 D5 D4 D3 D2 D1 D0 MV7 MV6 MV5 MV4 MV3 MV2 MV1 MV0 11 111 11 1 D7 D6 D5 D4 D3 D2 D1 D0 C1V7 C1V6 C1V5 C1V4 C1V3 C1V2 C1V1 C1V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C2V7 C2V6 C2V5 C2V4 C2V3 C2V2 C2V1 C2V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C3V7 C3V6 C3V5 C3V4 C3V3 C3V2 C3V1 C3V0 01 100 00 0 D7 D6 D5 D4 D3 D2 D1 D0 C4V7 C4V6 C4V5 C4V4 C4V3 C4V2 C4V1 C4V0 01 100 00 0 |