Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1 Fiches technique(PDF) 74 Page - STMicroelectronics

No de pièce STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Fiches technique(HTML) 74 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 70Page - STMicroelectronics STA321MPL1 Datasheet HTML 71Page - STMicroelectronics STA321MPL1 Datasheet HTML 72Page - STMicroelectronics STA321MPL1 Datasheet HTML 73Page - STMicroelectronics STA321MPL1 Datasheet HTML 74Page - STMicroelectronics STA321MPL1 Datasheet HTML 75Page - STMicroelectronics STA321MPL1 Datasheet HTML 76Page - STMicroelectronics STA321MPL1 Datasheet HTML 77Page - STMicroelectronics STA321MPL1 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA321MPL1
74/80
DocID029389 Rev 1
rmsPOx
rmsPOH
rmsPOL
D7
D6
D5
D4
D3
D2
D1
D0
RPO15
RPO14
RPO13
RPO12
RPO11
RPO10
RPO9
RPO8
00
000
00
0
RPO7
RPO6
RPO5
RPO4
RPO3
RPO2
RPO1
RPO0
00
000
00
0
Bit
RW
RST
Name
Description
7R
RPO15
RMS PWM out (post-processing) register, H
6R
RPO14
5R
RPO13
4R
RPO12
3R
RPO11
2R
RPO10
1R
RPO9
0R
RPO8
Bit
RW
RST
Name
Description
7R
RPO7
RMS PWM out (post-processing) register, L
6R
RPO6
5R
RPO5
4R
RPO4
3R
RPO3
2R
RPO2
1R
RPO1
0R
RPO0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80