Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1 Fiches technique(PDF) 69 Page - STMicroelectronics

No de pièce STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Fiches technique(HTML) 69 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 65Page - STMicroelectronics STA321MPL1 Datasheet HTML 66Page - STMicroelectronics STA321MPL1 Datasheet HTML 67Page - STMicroelectronics STA321MPL1 Datasheet HTML 68Page - STMicroelectronics STA321MPL1 Datasheet HTML 69Page - STMicroelectronics STA321MPL1 Datasheet HTML 70Page - STMicroelectronics STA321MPL1 Datasheet HTML 71Page - STMicroelectronics STA321MPL1 Datasheet HTML 72Page - STMicroelectronics STA321MPL1 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
DocID029389 Rev 1
69/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
6.5.9
RMS post-processing selectors and Fs autodetection (0x70)
RMS out selector
Table 18. RMS post-processing channel select
Fs autodetection
D7
D6
D5
D4
D3
D2
D1
D0
RMSOS2
RMSOS1
RMSOS0
FXLRC0
00
000
00
0
Bit
RW
RST
Name
Description
7
RW
0
RMSOS2
RMS post-processing selectors. For each
channel, the current RMS value after the
processing step is available on registers rmsPOH
(0x7C) and rmsPOL (0x7D).
6
RW
0
RMSOS1
5
RW
0
RMSOS0
RMSOS[2:0]
Channel
000
1
001
2
010
3
011
4
100
5
101
6
110
7
111
8
Bit
RW
RST
Name
Description
0
RW
0
FXLRC0
If set to 1, the IR and BST32K parameters are
auto-selected by the Fs autodetection internal
block; otherwise, the I2C register values are
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80