Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1 Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 58Page - STMicroelectronics STA321MPL1 Datasheet HTML 59Page - STMicroelectronics STA321MPL1 Datasheet HTML 60Page - STMicroelectronics STA321MPL1 Datasheet HTML 61Page - STMicroelectronics STA321MPL1 Datasheet HTML 62Page - STMicroelectronics STA321MPL1 Datasheet HTML 63Page - STMicroelectronics STA321MPL1 Datasheet HTML 64Page - STMicroelectronics STA321MPL1 Datasheet HTML 65Page - STMicroelectronics STA321MPL1 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
Configuration registers (0x77; 0x78; 0x79)
STA321MPL1
62/80
DocID029389 Rev 1
Table 12. Gain adjustment (sensitivity)
Index
dB
Index
dB
Index
dB
0x00
-4
0x16
-1.25
0x2C
1.5
0x01
-3.875
0x17
-1.125
0x2D
1.625
0x02
-3.75
0x18
-1
0x2E
1.75
0x03
-3.625
0x19
-0.875
0x2F
1.875
0x04
-3.5
0x1A
-0.75
0x30
2
0x05
-3.375
0x1B
-0.625
0x31
2.125
0x06
-3.25
0x1C
-0.5
0x32
2.25
0x07
-3.125
0x1D
-0.375
0x33
2.375
0x08
-3
0x1E
-0.25
0x34
2.5
0x09
-2.875
0x1F
-0.125
0x35
2.625
0x0A
-2.75
0x20
0
0x36
2.75
0x0B
-2.625
0x21
0.125
0x37
2.875
0x0C
-2.5
0x22
0.25
0x38
3
0x0D
-2.375
0x23
0.375
0x39
3.125
0x0E
-2.25
0x24
0.5
0x3A
3.25
0x0F
-2.125
0x25
0.625
0x3B
3.375
0x10
-2
0x26
0.75
0x3C
3.5
0x11
-1.875
0x27
0.875
0x3D
3.625
0x12
-1.75
0x28
1
0x3E
3.75
0x13
-1.625
0x29
1.125
0x3F
3.875
0x14
-1.5
0x2A
1.25
0x15
-1.375
0x2B
1.375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80