Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1 Fiches technique(PDF) 65 Page - STMicroelectronics

No de pièce STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Fiches technique(HTML) 65 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 61Page - STMicroelectronics STA321MPL1 Datasheet HTML 62Page - STMicroelectronics STA321MPL1 Datasheet HTML 63Page - STMicroelectronics STA321MPL1 Datasheet HTML 64Page - STMicroelectronics STA321MPL1 Datasheet HTML 65Page - STMicroelectronics STA321MPL1 Datasheet HTML 66Page - STMicroelectronics STA321MPL1 Datasheet HTML 67Page - STMicroelectronics STA321MPL1 Datasheet HTML 68Page - STMicroelectronics STA321MPL1 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
DocID029389 Rev 1
65/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
6.5.6
Recombination control register 8, 9, and 10 (0x65; 0x66; 0x67)
D7
D6
D5
D4
D3
D2
D1
D0
CH1TH_N[5:0]
00
110
01
1
D7
D6
D5
D4
D3
D2
D1
D0
CH2TH_N[5:0]
00
110
01
1
D7
D6
D5
D4
D3
D2
D1
D0
CH3TH_N[5:0]
00
110
01
1
Bit
RW
RST
Name
Description
7RW
Reserved
6RW
5RW
CHxTH_N[5:0]
see Table 14
4RW
3RW
2RW
1RW
0RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80