Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1 Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce STA321MPL1
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1 Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button STA321MPL1 Datasheet HTML 57Page - STMicroelectronics STA321MPL1 Datasheet HTML 58Page - STMicroelectronics STA321MPL1 Datasheet HTML 59Page - STMicroelectronics STA321MPL1 Datasheet HTML 60Page - STMicroelectronics STA321MPL1 Datasheet HTML 61Page - STMicroelectronics STA321MPL1 Datasheet HTML 62Page - STMicroelectronics STA321MPL1 Datasheet HTML 63Page - STMicroelectronics STA321MPL1 Datasheet HTML 64Page - STMicroelectronics STA321MPL1 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
DocID029389 Rev 1
61/80
STA321MPL1
Configuration registers (0x77; 0x78; 0x79)
80
6.5.3
PDM control register (0x5E)
6.5.4
Recombination control register 2, 3, and 4 (0x5F; 0x60; 0x61)
D7
D6
D5
D4
D3
D2
D1
D0
AdvM6
AdvM5
AdvM4
AdvM3
AdvM2
AdvM1
PDMSM[1:0]
00
000
00
0
Bit
RW
RST
Name
Description
7RW
AdvM6
PDM channel x sampling edge configuration:
'1': rising edge (of internal _CLK)
'0': falling edge (of internal _CLK)
(Active in Advance mode only, PDMSM = ’11’)
6RW
AdvM5
5RW
AdvM4
4RW
AdvM3
3RW
AdvM2
2RW
AdvM1
1RW
PDMSM
00: Normal mode
01: reserved
10: Dual-membrane
11: Advanced
0RW
D7
D6
D5
D4
D3
D2
D1
D0
bypRM1
CH1GG[5:0]
00
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
bypRM2
CH2GG[5:0]
00
100
00
0
D7
D6
D5
D4
D3
D2
D1
D0
bypRM3
CH3GG[5:0]
00
100
00
0
Bit
RW
RST
Name
Description
7
RW
reserved
6
RW
bypRMx
'1': Recombination of Mike_x is bypassed
'0': Recombination of Mike_x is active
5RW
CHxGG[5:0]
see Table 12
4RW
3RW
2RW
1RW
0RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80