Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 31Page - STMicroelectronics UM0844 Datasheet HTML 32Page - STMicroelectronics UM0844 Datasheet HTML 33Page - STMicroelectronics UM0844 Datasheet HTML 34Page - STMicroelectronics UM0844 Datasheet HTML 35Page - STMicroelectronics UM0844 Datasheet HTML 36Page - STMicroelectronics UM0844 Datasheet HTML 37Page - STMicroelectronics UM0844 Datasheet HTML 38Page - STMicroelectronics UM0844 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
UM0844
Working with customized kernels
Doc ID 16544 Rev 3
35/43
1.
Press a key to enter U-Boot autoboot
2.
Configure network parameters (statically or with DHCP, see relevant sections)
3.
Start the TFTP server on the host machine
4.
Place the desired image in the host PC's TFTP root directory
(for example, /tftpboot/uImage_new.img)
5.
From U-Boot console, download the image to RAM (here we use address 0x0) with
TFTP client:
> tftp 0x0 uImage_new.img
6.
Erase the specified kernel area on serial NOR:
> erase 0:5-31
Write the image on serial NOR (you need to know the image size). In this example we
copied 1663104 bytes (0x196080 in hexadecimal) to the start of the kernel area on
serial NOR (0xF8050000 in hexadecimal):
> cp.b 0x0 0xF8050000 0x196080
7.
Reboot the evaluation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43