Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 5Page - STMicroelectronics UM0844 Datasheet HTML 6Page - STMicroelectronics UM0844 Datasheet HTML 7Page - STMicroelectronics UM0844 Datasheet HTML 8Page - STMicroelectronics UM0844 Datasheet HTML 9Page - STMicroelectronics UM0844 Datasheet HTML 10Page - STMicroelectronics UM0844 Datasheet HTML 11Page - STMicroelectronics UM0844 Datasheet HTML 12Page - STMicroelectronics UM0844 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
UM0844
The pre-flashed software
Doc ID 16544 Rev 3
9/43
Figure 2.
Tera Term configuration for serial port (Windows PC)
Using HyperTerminal is very similar. To configure the serial port with HyperTerminal:
1.
Enter the "File > Properties" menu
2.
Select the COM port (for example COM1) in the "Connect Using" dialog box
3.
Press the "Configure" button
4.
Enter the 'Port Setting' fields accordingly
5.
To save the current configurations select the "File >Save As" menu item.
2.1.2
Linux PC
As an alternative to Windows, you can use a PC with Linux OS.
In the examples below, a '$' symbol represents a normal user prompt while a '#' symbol
means a root level prompt. Please note that you need read/write access to the PC serial
port. If necessary, check your distribution documentation to enable it (for example, on
Fedora Linux systems you have usually to add your user to the "dialout" system group).
Minicom is one of the most commonly used terminal emulators for Linux. Assuming a
Fedora distribution for the host PC, to check the availability of Minicom, execute the following
command:
$ rpm -q minicom
To install minicom, if not found, execute this command from a root shell:
# yum install minicom
To start minicom, type the command:
$ minicom
To enter the configuration menu for the first time, press the key combination "Ctrl-A" and
then "Z" (in sequence).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43