Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 14Page - STMicroelectronics UM0844 Datasheet HTML 15Page - STMicroelectronics UM0844 Datasheet HTML 16Page - STMicroelectronics UM0844 Datasheet HTML 17Page - STMicroelectronics UM0844 Datasheet HTML 18Page - STMicroelectronics UM0844 Datasheet HTML 19Page - STMicroelectronics UM0844 Datasheet HTML 20Page - STMicroelectronics UM0844 Datasheet HTML 21Page - STMicroelectronics UM0844 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
The pre-flashed software
UM0844
18/43
Doc ID 16544 Rev 3
ddns-update-style ad-hoc;
subnet 192.168.1.0 netmask 255.255.255.0 {
option routers 192.168.1.1;
option subnet-mask 255.255.0.0;
option domain-name "local.net";
option domain-name-servers ns.local.net;
host SPEAr300 {
hardware ethernet 00:11:22:33:44:55;
fixed-address 192.168.1.10;
option host-name "SPEAR";
next-server
192.168.1.1;
filename "uImage_300.img"; #kernel image filename in tftp path
}
}
With this configuration, the DHCP server replies to a request from a SPEAr evaluation board
with Ethernet MAC address 00:11:22:33:44:55 (just as in the example) by passing the entire
network configuration.
The "allow bootp" and "filename" parameters enable uBoot to download and boot a kernel
image from the host using the TFTP file transfer protocol (you will need a TFTP server on
the host, see below).
In order to apply the new configuration settings, restart he DHCP server. To do this, first
check the status of the DHCP daemon using the following commands from the Linux PC
shell:
# /etc/rc.d/init.d/dhcpd status
If the DHCP daemon is stopped, start it with the following command:
# /etc/rc.d/init.d/dhcpd start
Please be sure to disable your firewall or setup new firewall rules in order to enable
DHCP/TFTP traffic.
2.8
Updating the pre-flashed software
This section focuses on updating the contents of serial NOR Flash with default binary
images available on www.st.com.
Updating the contents of Flash memory on SPEAr evaluation boards is a recommended
step. It is possible to update the pre-flashed software coming by default with a SPEAr
evaluation board without installing the SPEAr Linux Support Package (LSP2.3).
The procedure for the update involves the installation and use of the USB flasher tool
provided by ST. This tool is a graphical interactive application, which can be downloaded
from www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43