| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0844 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0844 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 43 page ![]() The pre-flashed software UM0844 22/43 Doc ID 16544 Rev 3 2.8.3 Updating the Flash To update the Flash, use the following procedure. 1. Click on the Program button. A new dialog window opens, as in Figure 7. Figure 7. Partition configuration dialog 2. Click on the Load Configuration button and select the configuration file suitable for the target evaluation board: EVALSPEAR300: s300_defconfig.conf EVALSPEAR310: s310_defconfig.conf EVALSPEAR320PLC: s320_defconfig.conf EVALSPEAR600: s600_defconfig.conf 3. Click on Program Binaries to start the flashing procedure. |