Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 21Page - STMicroelectronics UM0844 Datasheet HTML 22Page - STMicroelectronics UM0844 Datasheet HTML 23Page - STMicroelectronics UM0844 Datasheet HTML 24Page - STMicroelectronics UM0844 Datasheet HTML 25Page - STMicroelectronics UM0844 Datasheet HTML 26Page - STMicroelectronics UM0844 Datasheet HTML 27Page - STMicroelectronics UM0844 Datasheet HTML 28Page - STMicroelectronics UM0844 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
UM0844
The SPEAr Linux Support Package (LSP2.3)
Doc ID 16544 Rev 3
25/43
3.5
How to install the SPEAr Linux Support Package (LSP2.3)
The SPEAr Linux Support Package (LSP2.3) is needed to develop software running on a
SPEAr target boards when embedded Linux is to be used as the target’s operating system.
The SPEAr Linux Support Package (LSP2.3) is not needed in order to use the software pre-
flashed on SPEAr boards or to update the Flash memory with default predefined contents.
Note:
The SPEAr Linux Support Package (LSP2.3) software must be installed on a Linux PC.
Windows® PCs are not supported.
3.5.1
First-time installation
To install the SPEAr Linux Support Package (LSP2.3) for the first time, perform the following
steps:
1.
Read the software licence agreement provided in Appendix A: Software license
agreement on page 38 of this manual.
Note:
This Software License Agreement ("Agreement") is displayed for you to read prior to
downloading and using the Licensed Software. If you choose not to agree with these
provisions, do not download or install the enclosed Licensed Software and the related
documentation and design tools. By using the Licensed Software, you are agreeing to be
bound by the terms and conditions of this Agreement. Do not use the Licensed Software
until you have read and agreed to the following terms and conditions. The use of the
Licensed Software implies automatically the acceptance of the following terms and
conditions.
2.
Connect to the www.st.com and navigate to the product pages for embedded
microprocessors. The link for downloading the SPEAr Linux Support Package
(LSP2.3) can be found by navigating to the web page containing the literature and other
resources for the related SPEAr device (product pages).
Note:
To download the file, you have to use a browser running on the Linux development PC.
3.
Click on link below to download the initial installation script to your Linux PC: install
script download:
ftp://stlinux.com/pub/stlinux/2.3/install
4.
Run the downloaded script on your Linux PC as follows: ./install all-arm-spear
This procedure automatically starts the overall download and installation of the
required software components (remotely available as RPM packages). The entire
procedure takes several minutes, depending on the network speed. The distribution is
installed by default under path /opt/STM.
5.
When the installation is completed, configure the Linux shell environment as follows:
a)
export PATH=$PATH:.:/opt/STM/STLinux-2.3/devkit/arm/bin:/opt/STM/STLinux-
2.3/host/bin
b)
export CROSS_COMPILE=arm-linux-
In order to preserve this configuration, the same commands should be also be put in a
bash shell initialization file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43