| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0844 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0844 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 43 page ![]() UM0844 The pre-flashed software Doc ID 16544 Rev 3 19/43 The link for downloading the software can be found on www.st.com on the web page containing the literature and other resources for the related SPEAr device (product pages). The product web page also provides a download for updated binary images (for each evaluation board type) to be used with the USB flasher. The use of the USB flasher for other purposes and scenarios is intended to be explained by the help pages embedded in the tool itself. 2.8.1 Installing the USB flasher The USB flasher tool must be installed on a Windows PC. Before setting up the flasher tool, you must download and install an updated TCL package. The recommended TCL software is ActiveTCL, available free of charge. The latest TCL version (8.5) can be downloaded from the following supplier site: http://www.activestate.com/activetcl/ The download page is shown in Figure 5. Figure 5. TCL download page You can now start the procedure to install the USB flasher: |