Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 24Page - STMicroelectronics UM0844 Datasheet HTML 25Page - STMicroelectronics UM0844 Datasheet HTML 26Page - STMicroelectronics UM0844 Datasheet HTML 27Page - STMicroelectronics UM0844 Datasheet HTML 28Page - STMicroelectronics UM0844 Datasheet HTML 29Page - STMicroelectronics UM0844 Datasheet HTML 30Page - STMicroelectronics UM0844 Datasheet HTML 31Page - STMicroelectronics UM0844 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Working at application level (userland)
UM0844
28/43
Doc ID 16544 Rev 3
followed by the command:
# service nfs start
Starting NFS services: [ OK ]
Starting NFS quotas: [ OK ]
Starting NFS daemon: [ OK ]
Starting NFS mountd: [ OK ]
Every time you change that file and NFS service was already started, you need either to
restart it or to force NFS daemon to reload the new configuration:
# exportfs -a
4.1.2
Incremental changes to Flash filesystem
If the root filesystem is stored on Flash memory, it is possible to transfer files from the PC to
the target board in the following ways:
●
Transfer by USB pendrive
●
Transfer by MMC/SD card
●
Transfer by LAN (TFTP)
4.1.3
Flash filesystem full replacement
To replace the entire filesystem on Flash memory, you can:
●
Rewrite the root filesystem partition by USB Flasher tool
●
Rewrite the root filesystem partition from U-Boot
4.2
Command line cross-development
The most important item concerning host packages is the cross-development toolchain, a
set of programs running on a host PC, but targeting ARM-specific code output with support
for:
●
Cross-compilation of source code to generate native object code for the ARM CPU
cores integrated into SPEAr embedded MPU family
●
Cross-linking of ARM object code to generate executable programs or (dynamically
linkable) shared libraries
●
Managing object code archives, incremental rebuilding and other auxiliary tasks
The provided toolchain is based on the widely adopted open source GNU toolset. A
summary of the main available command-line tools is reported in Table 1. For detailed
documentation please consult the GNU Web site: http://www.gnu.org/manual/manual.html.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43