Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 28Page - STMicroelectronics UM0844 Datasheet HTML 29Page - STMicroelectronics UM0844 Datasheet HTML 30Page - STMicroelectronics UM0844 Datasheet HTML 31Page - STMicroelectronics UM0844 Datasheet HTML 32Page - STMicroelectronics UM0844 Datasheet HTML 33Page - STMicroelectronics UM0844 Datasheet HTML 34Page - STMicroelectronics UM0844 Datasheet HTML 35Page - STMicroelectronics UM0844 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Working with customized kernels
UM0844
32/43
Doc ID 16544 Rev 3
5
Working with customized kernels
When working with SPEAr evaluation boards, making modifications to supplied Linux kernel
is only needed when:
●
Changing kernel configuration, by enabling or disabling some options or features
●
Developing new drivers on top of existing ones, in order to interface peripherals that
can be added through custom add-on boards connected to SPEAr evaluation boards
(where applicable)
●
Rewriting partially or totally some existing reference device drivers (for example, for
further optimization or special needs)
●
Developing custom kernel modules
On the other hand, any other usage of kernel-level software with hardware platforms
different from SPEAr evaluation boards is not discussed in this section.
When working at kernel level, developers are concerned with the kernel source code tree
from which a single binary image file must be generated by "rebuilding" the kernel.
The main tasks to be performed are:
●
Kernel reconfiguration
●
Kernel rebuild
●
Kernel loading and execution on a target evaluation board (different possible
workflows)
For general information about Linux kernel, please refer to public Linux documentation.
For information about SPEAr-specific code integrated into Linux kernel, please refer to the
Linux Support Package (LSP) user manual (UM0851).
5.1
Reconfiguring the kernel
The kernel configuration is managed with standard Linux Kernel configuration tools, like
"make menuconfig".
Each SPEAr evaluation board has a default kernel configuration file in the kernel source tree
directory arch/arm/configs, as shown in following table:
To configure the kernel using a default configuration (for example, for SPEAr300), enter the
kernel source tree directory and run the commands:
$ make distclean
Table 3.
Kernel configuration files
Evaluation board
Kernel configuration file
EVALSPEAR300
spear300_defconfig
EVALSPEAR310
spear310_defconfig
EVALSPEAR320PLC
spear320_defconfig
EVALSPEAR600
spear600_defconfig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43