Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 20Page - STMicroelectronics UM0844 Datasheet HTML 21Page - STMicroelectronics UM0844 Datasheet HTML 22Page - STMicroelectronics UM0844 Datasheet HTML 23Page - STMicroelectronics UM0844 Datasheet HTML 24Page - STMicroelectronics UM0844 Datasheet HTML 25Page - STMicroelectronics UM0844 Datasheet HTML 26Page - STMicroelectronics UM0844 Datasheet HTML 27Page - STMicroelectronics UM0844 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
The SPEAr Linux Support Package (LSP2.3)
UM0844
24/43
Doc ID 16544 Rev 3
3.3
Host PC requirements
The SPEAr Linux Support Package (LSP2.3) for SPEAr family has been qualified on Fedora
Core 11 Linux. Using the SPEAr software with other Linux distributions or older Fedora
versions is feasible, but it could require additional preliminary activities, so it is not
recommended.
Please note that the SELinux option has to be disabled.
3.4
The stmyum tool
Yum is an automatic updater and package installer/remover for RPM Linux host systems
(like Fedora). It automatically computes dependencies and figures out what things should
occur to install packages. Yum has a number of advantages over using RPM directly, such
as:
●
Automatic updates of installed packages
●
Automatic checks for newly available and updated packages
●
Automatic installation of all the dependency packages for each new package installed
installation of groups of packages as a single unit
●
Increased security as all packages are signed.
The SPEAr Linux Support Package (LSP2.3) relies on a slightly customized version of yum,
known as stmyum, to ensure that it does not interfere with any native yum installation.
It is automatically installed under the path /opt/STM/STLinux-X.X/host/bin. The PATH
environment variable must include this directory to be able to use it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43