| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0844 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0844 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 43 page ![]() UM0844 Working at application level (userland) Doc ID 16544 Rev 3 29/43 4.3 Using the graphical IDE 4.3.1 Launching ST Workbench ST Workbench is an IDE (Interactive Development Environment) derived from the popular open source Eclipse tool, specifically targeted at cross compilation for ST products. After the STLinux installation, it should be located under the path: /opt/STM/STLinux-2.3/host/stworkbench You can launch it from terminal or create a desktop launcher. For example, to create a desktop launcher on a Fedora PC: 1. Right-click on the Desktop and select "Create Launcher..." 2. In the "Name" field type "STWorkbench" 3. In the "Command" field type; opt/STM/STLinux-2.3/host/stworkbench/stworkbench 4. Select "OK" Now double-click on the launcher icon on the desktop to start the application. The first time you launch STWorkbench you need to configure at least one "workbench", a directory where your project will be stored: select a directory from the "Select Workspace" windows that appears. You can mark this as your default workbench that will be automatically used at startup selecting the "Use this as the default" checkbox. From the "Welcome" window select the "Workbench" icon to enter the selected workbench. Table 2. Main toolchain commands Package Tool Description GCC gcc C Cross-compiler for ARM gcov Code coverage binutils ar Archiver as Cross-assembler for ARM gprof Profiling tool ld Cross-linker for ARM nm Lists symbols in object files objcopy Copies a binary file. objdump Displays information from object files. ranlib Generates an index to speed access to archives. readelf Displays the information about the contents of ELF format files strip Remove symbols and sections from files. GNU Make make Incremental build management GDB gdb Debugger |