Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 10Page - STMicroelectronics UM0844 Datasheet HTML 11Page - STMicroelectronics UM0844 Datasheet HTML 12Page - STMicroelectronics UM0844 Datasheet HTML 13Page - STMicroelectronics UM0844 Datasheet HTML 14Page - STMicroelectronics UM0844 Datasheet HTML 15Page - STMicroelectronics UM0844 Datasheet HTML 16Page - STMicroelectronics UM0844 Datasheet HTML 17Page - STMicroelectronics UM0844 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
The pre-flashed software
UM0844
14/43
Doc ID 16544 Rev 3
Now you can physically unplug the pendrive
2.5
Using a MMC/SD Card
Some evaluation boards (currently EVALSPEAR300 and EVALSPEAR320PLC) provide a
MMC/SD card reader slot.
An example of operation sequence for a MMC/SD card is the following:
1.
Plug the card into the board slot and wait for the Linux kernel to autodetect it (you can
see active kernel messages on the terminal)
2.
Mount the card's filesystem:
# mount /dev/mmcblk0p1 /mnt
Now the card's filesystem can be accessed under the /mnt directory.
3.
Transfer files as usual (for example, cp command)
4.
When finished, unmount the card:
# umount /mnt
Now you can physically remove the card.
2.6
Entering the U-Boot resident monitor
The U-Boot resident monitor offers an interactive command-line interface that can be used
through the serial console. U-Boot is executed before starting the Linux OS. In order to
interrupt the normal boot process and enter U-Boot operation mode, press a key from the
virtual terminal on the Windows or Linux PC during the initial period (after hardware reset)
when the following message is displayed:
Hit SPACE to stop autoboot: _
To obtain a full list of U-Boot commands available on SPEAr board, enter the "help"
command or simply type the "?" character. When "help" is followed by a command name, a
description of that specific command is displayed.
The following subsections describe basic usage scenarios. Please note that command
results are only shown as examples and can look slightly different depending on the
evaluation board and software version you use.
Detailed documentation about the described commands, as well as additional ones, may be
found on the main U-Boot Web site: http://www.denx.de/wiki/U-Boot
2.6.1
Information commands
To report the U-Boot version currently available on the evaluation board Flash memory,
execute the "version" command:
> version
U-Boot 1.3.1 (Oct
1 2009 - 14:52:19)-SPEAr300-LSP2.1
To list all Flash memory partitions, use the "imls" command:
> imls
*********************
NOR Flash Images
*********************



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43