Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0844 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce UM0844
Description  This manual provides application developers with a first introduction
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0844 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button UM0844 Datasheet HTML 27Page - STMicroelectronics UM0844 Datasheet HTML 28Page - STMicroelectronics UM0844 Datasheet HTML 29Page - STMicroelectronics UM0844 Datasheet HTML 30Page - STMicroelectronics UM0844 Datasheet HTML 31Page - STMicroelectronics UM0844 Datasheet HTML 32Page - STMicroelectronics UM0844 Datasheet HTML 33Page - STMicroelectronics UM0844 Datasheet HTML 34Page - STMicroelectronics UM0844 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
UM0844
Working at application level (userland)
Doc ID 16544 Rev 3
31/43
The same procedure and results can be directly used in case of parallel NOR Flash, always
assuming JFFS2. Note that there is no dependency on the specific SPEAr embedded MPU
or evaluation board.
For evaluation boards provided with NAND Flash, there are two options: JFFS2 and
YAFFS2.
In order to rebuild a JFFS2 root filesystem for NAND, the procedure to be run on Linux host
PC is as follows:
$ mkfs.jffs2 -n -p -l -s 0x200 -e 0x4000 -r $BUSYBOX/_install/ -o
rootfs_nand_smallpage.img
In order to rebuild a YAFFS2 root filesystem for NAND, the procedure to be run on Linux
host PC is as follows:
$ utils/mkyaffsimage 2 $BUSYBOX/_install/ rootfs_nand_smallpage.img
For all cases above, the root filesystem contents are assumed to be stored under the path:
$BUSYBOX/_install/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43