| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 105 Page - STMicroelectronics |
|
105 / 229 page ![]() UM0097 Peripheral firmware overview 105/229 Output compare modes enumeration The following enumeration defines the Output Compare modes. The OC_Modes enumeration is defined in the file 71x_tim.h: typedef enum { TIM_TIMING, TIM_WAVE } TIM_OC_Modes; Table 51 enumerates the output compare modes. Logic levels enumeration The following enumeration defines the different logic levels. The Logic_Levels enumeration is defined in the file 71x_tim.h: typedef enum { TIM_HIGH, TIM_LOW } TIM_Logic_Levels; Table 52 enumerates the logic levels. Counter operations enumeration The following enumeration defines the different counter operations. The CounterOperations enumeration is defined in the file 71x_tim.h: typedef enum { TIM_START, TIM_STOP, TIM_CLEAR } TIM_CounterOperations; Table 51. Output compare modes Output Compare Mode Description TIM_TIMING The output compare mode is used for internal operations TIM_WAVE The output compare mode is only used for external wave generation operations Table 52. Logic levels Logic level Description TIM_HIGH The output compare is forced to the high level after the match between the counter and the output compare register. TIM_LOW The output compare is forced to the low level after the match between the counter and the output compare register. |