| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 108 Page - STMicroelectronics |
|
108 / 229 page ![]() Peripheral firmware overview UM0097 108/229 TIM_Init Example: This example illustrates how to initialize all the TIM peripherals: { ... /* Initialize the TIM0 peripheral */ TIM_Init (TIM0); /* Initialize the TIM1 peripheral */ TIM_Init (TIM1); /* Initialize the TIM2 peripheral */ TIM_Init (TIM2); /*Initialize the TIM3 peripheral */ TIM_Init (TIM3); ... } Function Name TIM_Init Function Prototype void TIM_Init (TIM_TypeDef *TIMx); Behavior Description This routine is used to Initialize the TIM peripheral registers to their default values. Input Parameter TIMx specifies the TIM to be initialized. Refer to TIM values on page 103 for more details on the allowed values of this parameter. Output Parameter None Return Value None Required preconditions None Called Functions None |