| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 44 Page - STMicroelectronics |
|
44 / 229 page ![]() Peripheral firmware overview UM0097 44/229 RCCU_FlagStatus Example: This example illustrates how to check if the PLL1 is locked. { ... while (RCCU_FlagStatus (RCCU_PLL1_LOCK_IT) == RESET); ... } RCCU_FlagClear Example: This example illustrates how to clear PLL1 lock pending interrupt flag. { ... RCCU_FlagClear ( RCCU_PLL1_LOCK_I); ... } Function Name RCCU_FlagStatus Function Prototype FlagStatus RCCU_FlagStatus(RCCU_Flags RCCU_flag); Behavior Description Checks whether the specified interrupt is enabled or disabled. Input Parameter RCCU_flag: the flag to see its status. Refer to RCCU flags on page 34 for more details on the allowed values of this parameter. Output Parameter None Return Value The specified interrupt status. – SET: The specified flag is set. – RESET: The specified flag is reset Required preconditions None Called Functions None Function Name RCCU_FlagClear Function Prototype void RCCU_FlagClear (RCCU_Flags RCCU_flag); Behavior Description This routine is used to clear the specified interrupt flag in the RCCU registers passed in parameter. Input Parameter RCCU_flag: Specifies the flag to clear. Refer to RCCU flags on page 34 for more details on the allowed values of this parameter. Output Parameter None Return Value None Required preconditions None Called Functions None |