| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 229 page ![]() Peripheral firmware overview UM0097 22/229 /* VROK_Status holds the Main VR_OK flag status */ VROK_Status = PCU_FlagStatus (PCU_VROK); ... } PCU_VRConfig Example: This example illustrates how to bypass the main voltage regulator. { ... PCU_VRConfig(PCU_MVR, DISABLE); ... } PCU_LVDDisable Function Name PCU_VRConfig Function Prototype void PCU_VRConfig(PCU_VR Xvr, FunctionalState NewState); Behavior Description This routine is used to configure (enable / bypass) the PCU voltage regulators. Input Parameter 1 Xvr: Specifies the PCU voltage regulator. Refer to PCU voltage regulators on page 19 for more details on the allowed values of this parameter. Input Parameter 2 NewState: Specifies whatever the corresponding voltage regulator is enabled or bypassed. – ENABLE: Enable the corresponding PCU voltage regulator – DISABLE: Bypass the corresponding PCU voltage regulator Output Parameter None Return Value None Required preconditions None Called Functions None Function Name PCU_LVDDisable Function Prototype void PCU_LVDDisable (void); Behavior Description This routine is used to disable the Low Voltage Detector. Input Parameter None Output Parameter None Return Value None Required preconditions None Called Functions None |