Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0097 Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 69Page - STMicroelectronics UM0097 Datasheet HTML 70Page - STMicroelectronics UM0097 Datasheet HTML 71Page - STMicroelectronics UM0097 Datasheet HTML 72Page - STMicroelectronics UM0097 Datasheet HTML 73Page - STMicroelectronics UM0097 Datasheet HTML 74Page - STMicroelectronics UM0097 Datasheet HTML 75Page - STMicroelectronics UM0097 Datasheet HTML 76Page - STMicroelectronics UM0097 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 229 page
background image
UM0097
Peripheral firmware overview
73/229
GPIO_BitWrite
Note:
1
When a port pin value is changed, the other port pins values stay unchanged.
2
The Input Pull Up/Pull Down Configuration may change according to the related input pin
value.
Example:
This example shows how to clear the GPIO port pin 0 and sets the GPIO1 port pin 15.
{
/* Clear the P0.0 bits */
GPIO_BitWrite(GPIO0, 0, 0);
/* Set the P1.15 bits */
GPIO_BitWrite(GPIO1, 15, 1);
}
Function Name
GPIO_BitWrite
Function Prototype
void GPIO_BitWrite (GPIO_TypeDef *GPIOx,
u8 Port_Pin, u8 Bit_val);
Behavior Description
Sets or clears the selected data port bit
Input Parameter 1
GPIOx: selects the port. x can be 0, 1 or 2. Refer to GPIOx values on
page 68 for details on the allowed values of this parameter.
Input Parameter 2
Port_Pin: Specifies the pin to set or clear the value.
Refer to Port pin values on page 68 for more details on this parameter.
Input Parameter 3
Bit_Val: the value to be written
0: clear the port pin
1: set the port pin
Output Parameter
None
Return Value
None
Required preconditions
The port pin must be configured as OUT_OD or as OUT_PP.
Called Functions
None
See also
GPIO_ByteWrite on page 74,
GPIO_WordWrite on page 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More