Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0097 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 5Page - STMicroelectronics UM0097 Datasheet HTML 6Page - STMicroelectronics UM0097 Datasheet HTML 7Page - STMicroelectronics UM0097 Datasheet HTML 8Page - STMicroelectronics UM0097 Datasheet HTML 9Page - STMicroelectronics UM0097 Datasheet HTML 10Page - STMicroelectronics UM0097 Datasheet HTML 11Page - STMicroelectronics UM0097 Datasheet HTML 12Page - STMicroelectronics UM0097 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 229 page
background image
UM0097
Document and library rules
9/229
Peripherals are declared in 71x_map.h file. This example shows the declaration of the
GPIO peripheral:
#ifndef EXT
#define EXT extern
#endif
...
/* APB2 Base Address definition */
#define APB2_BASE 0xE0000000
#define GPIO0_BASE
(APB2_BASE + 0x3000)
#define GPIO1_BASE
(APB2_BASE + 0x4000)
/* GPIO0 and GPIO1 peripherals declaration */
#ifndef DEBUG
...
#ifdef _GPIO0
#define GPIO0
((GPIO_TypeDef *)GPIO0_BASE)
#endif /*GPIO0*/
#ifdef _GPIO1
#define GPIO1
((GPIO_TypeDef *)GPIO1_BASE)
#endif /*GPIO1*/
...
#else /* DEBUG */
#ifdef _GPIO0
EXT GPIO_TypeDef
*GPIO0;
#endif /*GPIO0*/
#ifdef _GPIO1
EXT GPIO_TypeDef
*GPIO1;
#endif /*GPIO1*/
...
#endif
/* DEBUG */
To enter debug mode you have to define the label DEBUG in 71X_conf.h file. Debug mode
allows you to watch the peripheral registers in a debugger window, but it uses up some
additional memory space and makes the code less efficient. In both cases GPIO0 is a
pointer to the first address of GPIO0 port.
EXT variable is defined in the file 71x_lib.c as follows:
#define EXT
DEBUG mode is initialized as follows in the 71x_lib.c file:
#define DEBUG
#ifdef DEBUG
void debug(void)
{
#ifdef _GPIO0
GPIO0 = (GPIO_TypeDef *)GPIO0_BASE;
#endif



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More