| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 229 page ![]() UM0097 Peripheral firmware overview 37/229 RCCU_Div2Config Example: This example illustrates how to enable the clock division by two: RCCU_Div2Config (ENABLE); /* Sets the Div2 flag in the CLK_FLAG register. */ RCCU_Div2Status Example: This example illustrates how to enable the programmable clock divider if it is not enabled. FlagStatus Current_Div2Flag; if (Current_Div2Flag == RESET) { RCCU_Div2Config (ENABLE); /*.....................User Code........................*/ } Function Name RCCU_Div2Config Function Prototype void RCCU_Div2Config(FunctionalState NewState); Behavior Description This routine is used to enable or disable the programmable clock division of the CLOCK1 input clock signal by 2. It sets or clears the Div2 flag in the CLK_FLAG register Input Parameter NewState: specifies whether the programmable divider can divide the CLOCK1 input clock signal by two or not – ENABLE: enables the clock division by two of of CLK signal – DISABLE: disables the clock division by two of of CLK signal Output Parameter None Return Value None Required preconditions None Called Functions None Function Name RCCU_Div2Status Function Prototype FlagStatus RCCU_Div2Status (void); Behavior Description This routine gets the current status of the programmable clock division by two. It checks the status of the Div2 flag in the CLK_FLAG register Input Parameter None Output Parameter None Return Value The Div2 Flag status. – SET: The division by 2 is enabled – RESET: The division by 2 is disabled Required preconditions None Called Functions None |