| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 229 page ![]() Peripheral firmware overview UM0097 32/229 Table 13 lists the different values of the PLL1 multiplication factor. PLL2 multiplication factors The following enumeration defines the PLL2 multiplication factors. RCCU_PLL2_Mul enumeration is declared in the file 71x_rccu.h: typedef enum { RCCU_PLL2_Mul_12 = 0x01, RCCU_PLL2_Mul_16 = 0x03, RCCU_PLL2_Mul_20 = 0x00, RCCU_PLL2_Mul_28 = 0x02 } RCCU_PLL2_Mul; Table 14 lists the different values of the PLL2 multiplication factor. PLL division factors The following enumeration defines the PLL division factors. RCCU_PLL_Div enumeration is declared in the file 71x_rccu.h: typedef enum {RCCU_Div_1 = 0x00, RCCU_Div_2 = 0x01, RCCU_Div_3 = 0x02, RCCU_Div_4 = 0x03, RCCU_Div_5 = 0x04, RCCU_Div_6 = 0x05, RCCU_Div_7 = 0x06 } RCCU_PLL_Div; Table 13. PLL1 multiplication factors PLL Multiplication factor Description RCCU_PLL1_Mul_12 Multiplication factor equal to 12 RCCU_PLL1_Mul_16 Multiplication factor equal to 16 RCCU_PLL1_Mul_20 Multiplication factor equal to 20 RCCU_PLL1_Mul_24 Multiplication factor equal to 24 Table 14. PLL2 multiplication factors PLL Multiplication factor Description RCCU_PLL2_Mul_12 Multiplication factor equal to 12 RCCU_PLL2_Mul_16 Multiplication factor equal to 16 RCCU_PLL2_Mul_20 Multiplication factor equal to 20 RCCU_PLL2_Mul_28 Multiplication factor equal to 28 |