Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0097 Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 48Page - STMicroelectronics UM0097 Datasheet HTML 49Page - STMicroelectronics UM0097 Datasheet HTML 50Page - STMicroelectronics UM0097 Datasheet HTML 51Page - STMicroelectronics UM0097 Datasheet HTML 52Page - STMicroelectronics UM0097 Datasheet HTML 53Page - STMicroelectronics UM0097 Datasheet HTML 54Page - STMicroelectronics UM0097 Datasheet HTML 55Page - STMicroelectronics UM0097 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 229 page
background image
Peripheral firmware overview
UM0097
52/229
APB_SwResetConfig
Note:
1
One or more peripheral software resets can be enabled on the same APB bridge with a
single APB_SwResetConfig function call. One or more peripheral software resets can be
disabled with another APB_SwResetConfig function call.
2
It is not possible to simultaneously enable and disable several peripheral software resets in
a single APB_SwResetConfig function call.
Example:
This example illustrates how to configure the BSPI0 and the BSPI1 peripherals to be kept
always under reset:
{
APB_SwResetConfig (APB1, ENABLE, BSPI0_Periph | BSPI1_Periph);
}
3.4
Enhanced interrupt controller (EIC)
The driver may be used for several purposes, such as enabling and disabling interrupts
(IRQ) and fast interrupts (FIQ), enabling and disabling individual IRQ channels, changing
IRQ channel priorities, saving and restoring context and installing IRQ handlers.
The first and the second sections describe the data structure and the common parameter
values. The second one presents the EIC firmware library functions.
Function Name
APB_SwResetConfig
Function Prototype
void APB_SwResetConfig (APB_TypeDef *APBx,
FunctionalState New_Status, u16 Periph);
Behavior Description
This function enables/disables the software reset for the specified
peripheral on the specified APB Bridge. It updates the bits[14:0] of the
SWRES register with the value of the input parameter.
Input Parameter 1
APBx: selects the APB bridge (APB1 or APB2).
Input Parameter 2
New_Status: the peripheral software reset new status to be set.
– ENABLE: The peripheral is kept under reset
– DISABLE: The peripheral is reset by the system-wide reset
Input Parameter 3
Periph: specifies the APB bridge peripheral:
Refer to Bridge peripheral codes on page 49 for more details on the
allowed values of this parameter.
Output Parameter
None
Return Value
None
Required preconditions
None
Called Functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More