Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0097 Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 45Page - STMicroelectronics UM0097 Datasheet HTML 46Page - STMicroelectronics UM0097 Datasheet HTML 47Page - STMicroelectronics UM0097 Datasheet HTML 48Page - STMicroelectronics UM0097 Datasheet HTML 49Page - STMicroelectronics UM0097 Datasheet HTML 50Page - STMicroelectronics UM0097 Datasheet HTML 51Page - STMicroelectronics UM0097 Datasheet HTML 52Page - STMicroelectronics UM0097 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 229 page
background image
UM0097
Peripheral firmware overview
49/229
Bridge peripheral codes
Table 23 enumerates the various peripherals and their defined codes depending on which
bridge they belong.
Each peripheral code is defined in the 71x_apb.h file. The example below illustrates the
definition of I2C0 peripheral code:
#define I2C0_Periph
0x0001
Table 23.
Bridge peripheral codes
Peripheral
Bridge
Code definition
I2C0_Periph
APB1 Bridge
0x0001
I2C1_Periph
0x0002
UART0_Periph
0x0008
UART1_Periph
0x0010
UART2_Periph
0x0020
UART3_Periph
0x0040
USB_Periph
0x0080
CAN_Periph
0x0100
BSPI0_Periph
0x0200
BSPI1_Periph
0x0400
HDLC_Periph
0x2000
APB1_ALL_Periph
0x27FB
XTI_Periph
APB2 Bridge
0x0001
GPIO0_Periph
0x0004
GPIO1_Periph
0x0008
GPIO2_Periph
0x0010
ADC12_Periph
0x0040
CKOUT_Periph
0x0080
TIM0_Periph
0x0400
TIM1_Periph
0x0200
TIM2_Periph
0x0400
TIM3_Periph
0x0800
RTC_Periph
0x1000
EIC_Periph
0x8000
APB2_ALL_Periph
0x5FDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More