Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0097 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 44Page - STMicroelectronics UM0097 Datasheet HTML 45Page - STMicroelectronics UM0097 Datasheet HTML 46Page - STMicroelectronics UM0097 Datasheet HTML 47Page - STMicroelectronics UM0097 Datasheet HTML 48Page - STMicroelectronics UM0097 Datasheet HTML 49Page - STMicroelectronics UM0097 Datasheet HTML 50Page - STMicroelectronics UM0097 Datasheet HTML 51Page - STMicroelectronics UM0097 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 229 page
background image
Peripheral firmware overview
UM0097
48/229
The APB bridges are declared in the same file:
...
#define APB1_BASE
0xC0000000
#define APB2_BASE
0xE0000000
....
#ifndef DEBUG
...
#ifdef _APB1
#define APB1
((APB_TypeDef *)(APB1_BASE+0x10))
#endif /*APB1*/
#ifdef _APB2
#define APB2
((APB_TypeDef *)(APB2_BASE+0x10))
#endif /*APB2*/
...
#else
/* DEBUG */
...
#ifdef _APB1
EXT APB_TypeDef
*APB1;
#endif /*APB1*/
#ifdef _APB2
EXT APB_TypeDef
*APB2;
#endif /*APB2*/
...
#endif
When debug mode is used, APB pointer is initialized in 71x_lib.c file:
#ifdef _APB1
#ifdef _APB1
APB1 = (APB_TypeDef *)
(APB1_BASE + 0x10);
#endif
#endif /* _APB1 */
#ifdef _APB2
APB2 = (APB_TypeDef *)
(APB2_BASE + 0x10);
#endif /* _APB2 */
In debug mode the following macros are defined in 71x_conf.h file:
●
_APB is defined to include the APB library
●
_APB1 and _APB2 are defined to access the corresponding peripheral registers.
#define _APB
#define _APB1
#define _APB2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More