Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0097 Fiches technique(PDF) 103 Page - STMicroelectronics

No de pièce UM0097
Description  STR71x firmware library
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0097 Fiches technique(HTML) 103 Page - STMicroelectronics

Back Button UM0097 Datasheet HTML 99Page - STMicroelectronics UM0097 Datasheet HTML 100Page - STMicroelectronics UM0097 Datasheet HTML 101Page - STMicroelectronics UM0097 Datasheet HTML 102Page - STMicroelectronics UM0097 Datasheet HTML 103Page - STMicroelectronics UM0097 Datasheet HTML 104Page - STMicroelectronics UM0097 Datasheet HTML 105Page - STMicroelectronics UM0097 Datasheet HTML 106Page - STMicroelectronics UM0097 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 229 page
background image
UM0097
Peripheral firmware overview
103/229
#ifdef _TIM3
TIM3 = (TIM_TypeDef *)TIM3_BASE;
#endif
TIM0
= (TIM_TypeDef *)TIM0_BASE;
In debug mode, _TIMx must be defined in the file 71x_conf.h to access the peripheral
registers as follows:
#define _TIMx (x=0..3)
TIM values
Table 46 enumerates the different values of the TIMx.
TIM flags enumeration
The following enumeration defines the different TIM flags. The TIM_Flags enumeration is
defined in the file 71x_tim.h:
typedef enum
{
TIM_ICFA = 0x8000,
TIM_OCFA = 0x4000,
TIM_TOF
= 0x2000,
TIM_ICFB = 0x1000,
TIM_OCFB = 0x0800
} TIM_Flags;
Table 47 describes the states of TIM flags.
Table 46.
TIMx values
TIM Value
Description
TIM0
Timer 0
TIM1
Timer 1
TIM2
Timer 2
TIM3
Timer 3
Table 47.
TIM flags
TIM Flags
Description
TIM_ICFA
TIM Input Capture channel A flag
TIM_OCFA
TIM Output Compare channel A flag
TIM_TOF
TIM Timer Overflow flag
TIM_ICFB
TIM Input Capture channel B flag
TIM_OCFB
TIM Output Compare channel B flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More