| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0097 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0097 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 229 page ![]() UM0097 Peripheral firmware overview 41/229 Example: This example illustrates how to set the PLL1 multiplication factor to 20 and the divider factor to 4 then select PLL1 output as clock source of RCLK clock. { ... RCCU_PLL1Config (RCCU_Mul_20, RCCU_Div_4); /* Wait PLL to lock */ while(RCCU_FlagStatus (RCCU_PLL1_LOCK) == RESET); RCCU_RCLKSourceConfig (RCCU_PLL1_Output); ... } RCCU_RCLKClockSource Example: This example illustrates how to get the RCLK clock source. { ... RCLK_Clocks RCLK_CLOCK_SOURCE; RCLK_CLOCK_SOURCE = RCCU_RCLKClockSource (); ... } Function Name RCCU_RCLKClockSource Function Prototype RCLK_Clocks RCCU_RCLKClockSource (void); Behavior Description This routine gets and returns the current clock source of the RCLK. Input Parameter None Output Parameter None Return Value The current RCLK clock source. Refer to RCLK clock source on page 31 for more details on the allowed values of this parameter. Required preconditions None Called Functions None |