Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 195 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 195 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 191Page - ams-OSRAM AG AS7058 Datasheet HTML 192Page - ams-OSRAM AG AS7058 Datasheet HTML 193Page - ams-OSRAM AG AS7058 Datasheet HTML 194Page - ams-OSRAM AG AS7058 Datasheet HTML 195Page - ams-OSRAM AG AS7058 Datasheet HTML 196Page - ams-OSRAM AG AS7058 Datasheet HTML 197Page - ams-OSRAM AG AS7058 Datasheet HTML 198Page - ams-OSRAM AG AS7058 Datasheet HTML 199Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 195 / 199 page
background image
AS7058
Package drawings & markings
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
195 / 199
/
10
Package drawings & markings
Figure 66: WLCSP42 package outline drawing
(1) All dimensions are in millimeters. Angles in degrees.
(2) Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3) N is the total number of terminals.
(4) This package contains no lead (Pb).
(5) This drawing is subject to change without notice.
Top through view
Note s:
Pin 1 = A1
cc c Coplana rity
All dimensions a re in µm
Bottom view (Ball side)
Die size af ter cu ttin g: 25 45 x28 15 ±20
Device No.
A
B
D
E
F
G
C
1
2
3
4
5
6
A
1
400
400
400
400
400
2500
250
250
80
570±30
200 t yp.
345 t yp.
25 t yp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More