| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 188 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 188 Page - ams-OSRAM AG |
|
188 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 188 / 199 / 8.17.16 FIFO_LEVEL0 (Address 0xfb) Table 215: FIFO_LEVEL0 register Addr: 0xfb FIFO_LEVEL0 Bit Bit name Default Access Bit description 7:0 fifo_level[7:0] 0 RO FIFO level Bit 7:0. 8.17.17 FIFO_LEVEL1 (Address 0xfc) Table 216: FIFO_LEVEL1 register Addr: 0xfc FIFO_LEVEL1 Bit Bit name Default Access Bit description 2 fifo_overflow 0 RO FIFO overflow. 1:0 fifo_level[9:8] 0 RO FIFO level Bit 9:8. 8.17.18 FIFOL (Address 0xfd) Table 217: FIFOL register Addr: 0xfd FIFOL Bit Bit name Default Access Bit description 7:4 fifol 0 PUSHPOP Bits 3..0 of ADC 3 PUSHPOP Block frame 2:0 PUSHPOP Data marker |