| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 172 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 172 Page - ams-OSRAM AG |
|
172 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 172 / 199 / 8.13.12 ECGAMP_CFG2 (Address 0xbd) Table 185: ECGAMP_CFG2 register Addr: 0xbd ECGAMP_CFG2 Bit Bit name Default Access Bit description 6 ecgamp_leadoff_curr 0 RW Most significant bit select between normal ranges and special low current range: 0: Normal Ranges. 1: Special low current range 5:4 RW If ecgamp_leadoff_curr[6] = 0: Select the LSB current 0: 6.25 nA 1: 12.5 nA 2: 18.75 nA 3: 25 nA If ecgamp_leadoff_curr[6] = 1: Ignored. The LSB is set to 1.6 nA. 3:0 RW The last four bits select the lead-off current (from 1 LSB to 16 LSB). |