| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7058 Fiches technique(PDF) 162 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS7058 Fiches technique(HTML) 162 Page - ams-OSRAM AG |
|
162 / 199 page ![]() AS7058 Register description Datasheet • PUBLIC • Document Feedback DS001077 • v2-00 • 2025-Sep-24 162 / 199 / 8.12.27 ECG_INITL (Address 0xaf) Table 171: ECG_INITL register Addr: 0xaf ECG_INITL Bit Bit name Default Access Bit description 7:0 ecg_init[7:0] 1 RW Programs the time delay from the beginning of each ECGAMP sequence to the beginning of the ECGAMP sample measurement. 8.12.28 ECG_INITH (Address 0xb0) Table 172: ECG_INITH register Addr: 0xb0 ECG_INITH Bit Bit name Default Access Bit description 2:0 ecg_init[10:8] 1 RW If the decimal value of this register is N, then the delay is N * 4µs. 8.12.29 SAMPLE_NUM (Address 0xb1) Table 173: SAMPLE_NUM register Addr: 0xb1 SAMPLE_NUM Bit Bit name Default Access Bit description 7:0 sample_num 1 RW Number of samples for the active channel. If seq_sample = 0, the sequencer runs continuously. |