Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 156 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 156 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 152Page - ams-OSRAM AG AS7058 Datasheet HTML 153Page - ams-OSRAM AG AS7058 Datasheet HTML 154Page - ams-OSRAM AG AS7058 Datasheet HTML 155Page - ams-OSRAM AG AS7058 Datasheet HTML 156Page - ams-OSRAM AG AS7058 Datasheet HTML 157Page - ams-OSRAM AG AS7058 Datasheet HTML 158Page - ams-OSRAM AG AS7058 Datasheet HTML 159Page - ams-OSRAM AG AS7058 Datasheet HTML 160Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
156 / 199
/
8.12.14
PPG_MODE6 (Address 0xa2)
Table 158: PPG_MODE6 register
Addr: 0xa2
PPG_MODE6
Bit
Bit name
Default
Access
Bit description
4:2
ppg_mode_sub6
0
RW
This register defines the number of measurement
repetitions for the selected measurement mode.
0: No repetition of selected measurement mode
1: 2 measurement repetitions
2: 4 measurement repetitions
3: 8 measurement repetitions
4: 16 measurement repetitions
5: 32 measurement repetitions
6: 64 measurement repetitions
7: 128 measurement repetitions
1:0
RW
Measure Mode
0: Single Sampling
1: Double Sampling
2: Triple Sampling
3: SAR Single Sampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More