Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS7058 Fiches technique(PDF) 143 Page - ams-OSRAM AG

No de pièce AS7058
Description  IC for PPG, ECG and body impedance measurement
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7058 Fiches technique(HTML) 143 Page - ams-OSRAM AG

Back Button AS7058 Datasheet HTML 139Page - ams-OSRAM AG AS7058 Datasheet HTML 140Page - ams-OSRAM AG AS7058 Datasheet HTML 141Page - ams-OSRAM AG AS7058 Datasheet HTML 142Page - ams-OSRAM AG AS7058 Datasheet HTML 143Page - ams-OSRAM AG AS7058 Datasheet HTML 144Page - ams-OSRAM AG AS7058 Datasheet HTML 145Page - ams-OSRAM AG AS7058 Datasheet HTML 146Page - ams-OSRAM AG AS7058 Datasheet HTML 147Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 199 page
background image
AS7058
Register description
Datasheet • PUBLIC • Document Feedback
DS001077 • v2-00 • 2025-Sep-24
143 / 199
/
8.10.3
AOC_SAR_PPG1 (Address 0x8e)
Table 138: AOC_SAR_PPG1 register
Addr: 0x8e
AOC_SAR_PPG1
Bit
Bit name
Default
Access
Bit description
7:0
sar_ppg1_en
0
RW
Enabled when using the last SAR value in PPG1.
7:0 …. subsample 8…. subsample 1
8.10.4
AOC_SAR_PPG2 (Address 0x8f)
Table 139: AOC_SAR_PPG2 register
Addr: 0x8f
AOC_SAR_PPG2
Bit
Bit name
Default
Access
Bit description
7:0
sar_ppg2_en
0
RW
Enabled when using the last SAR value in PPG2.
7:0 …. subsample 8…. subsample 1
8.11
Post processing
8.11.1
PP_CFG (Address 0x90)
Table 140: PP_CFG register
Addr: 0x90
PP_CFG
Bit
Bit name
Default
Access
Bit description
4
asat_on
0
RW
Enable Analog Saturation post processing.
3:0
asat_fil
0
RW
Digital Filter for Analog Saturation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More